PART |
Description |
Maker |
ATR0630P1-7KQY ATR0630-EK1 ATR0630-DK1 |
ANTARIS4 Single-chip GPS Receiver
|
ATMEL Corporation
|
CXD2B951GA-4 CXD2951GA-4 |
GPS IC Single Chip GPS LSI
|
Sony Corporation
|
PL-6313 |
Single-Chip GPS Baseband Processor
|
List of Unclassifed Manufacturers ETC[ETC]
|
STA2051 STA2051E STA2051ETR STA2051TR |
32-BIT SINGLE CHIP BASEBAND CONTROLLER FOR GPS AND TELEMATIC APPLICATIONS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STA8058 |
Teseo high performance GPS multi chip module (MCM) Teseo⑩ high performance GPS multi chip module (MCM)
|
STMicroelectronics
|
ISD1100P ISD1100X ISD1112 ISD1110 ISD1120 ISD1110P |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时12秒)) 单芯片语音记播放设备(单芯片的持续时12秒)(单片的录音/录音重放器(一片信息存储持续时12秒) Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations(单片声音录音/回放芯片(单片信息存储持续时间12秒钟)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 10 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时2秒)) SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES RES POWER .360 OHM 1W 5% SMT
|
List of Unclassifed Manufacturers Winbond Electronics, Corp. Winbond Electronics Corp ETC Electronic Theatre Controls, Inc.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
H2P14UGTRW0100 |
5.0 x 3.0 x 0.5 GPS Ceramic Chip Antenna (AA095)
|
Unictron Technologies Corporation
|
1575AT54A0010 |
1.575 GHz Multilayer GPS Chip Antenna
|
Johanson Technology Inc.
|
ANT016008LCD1575MA1 |
Multilayer Chip Antennas For GPS/2.4 GHz ISM Band
|
TDK Electronics
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
CXD2932AGA-2 |
GPS IC GPS Base Band LSI
|
SONY[Sony Corporation]
|